Part Number Hot Search : 
PEF20571 BLD128DD N4099 B3234 08226 SM7644HX BA5968FP BA5968FP
Product Description
Full Text Search
 

To Download LW244-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Datasheet
LW 244-G switch
LinoWave Solutions G-02 Ground Floor, Lulu Bldg. Dubai Internet City P.O. Box 282341 Dubai, UAE www.linowave.com 1/4
Product Review
Switches are small hardware network device with multiple ports in one network whose task is to copy frames from one port to another or filter and forward packets between LAN segments.
The switch is an L2 Web-Smart 24-port Fast Ethernet switch plus 2 Gigabits port , with high performance and competitive price.
LinoWave Solutions G-02 Ground Floor, Lulu Bldg. Dubai Internet City P.O. Box 282341 Dubai, UAE www.linowave.com 2/4
Key features and benefits:
Compliant with the IEEE802.3 10Base-T Ethernet,
IEEE802.3u 100Base-TX ,IEEE802.3ab 1000Base-T
24 port 10/100Mbps TX Auto-Negotiation and 2 port
10/100/1000Mbps TX
Supports TP interface Auto MDIX function for auto TX/RX swap Support up to 4K MAC address Up to 1M bits packet buffer
Supports Store & Forward architecture and performs forwarding and filtering
IEEE802.3x flow control for Full-duplex Back Pressure function for Half-duplex operation Supports to handle up to 1518 bytes packet LED indicators for simple diagnostics and management
Build-in power
LinoWave Solutions G-02 Ground Floor, Lulu Bldg. Dubai Internet City P.O. Box 282341 Dubai, UAE www.linowave.com 3/4
Specifications:
Chip Standards Access Method Network Media Transmission Method MAC Address Table Built-in Buffer Data Transfer Rate
BCM5312+BCM5288+B5011 IEEE 802.3 10Base-T, IEEE 802.3u 100Base-TX,IEEE802.3ab 1000Base-T CSMA/CD UTP CAT3 or up for copper port Store and Forward 4K 1M bits 10/100Mbps (Half-duplex), 20/200/2000Mbps (Full-duplex for
LED Indicators Dimension: Weight Temperature Humidity
coppoer port) Power, Link/Activity, 438mm(L) x 250mm(W) x 44mm(H) 5000g 0 to 50 C (operating), -20 to 70 C (storage) 5% to 90 % non-condensing (operating), 5% to 90% non-condensing (storage) FCC Part 15 Class A, CE Mark
Certification
LinoWave Solutions G-02 Ground Floor, Lulu Bldg. Dubai Internet City P.O. Box 282341 Dubai, UAE www.linowave.com 4/4


▲Up To Search▲   

 
Price & Availability of LW244-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X